ATS-P2-37-C3-R0
AI

The **ATS-P2-37-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or power modules.
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 26.36°C/W (at 100 LFM) to 5.92°C/W (at 700 LFM) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height** | 20.00mm |
| **Attachment Type** | Push-Pin (with Compression Springs) |
| **Pitch** | 40.00mm (Mounting Hole Spacing) |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This part utilizes a mechanical push-pin system with a compression spring. This ensures consistent pressure across the interface, which is critical for maximizing thermal transfer from the chip to the heat sink.
* **Heat Sink Profile:** It features a **Straight-Fin** design. This is optimized for uni-directional airflow systems (forced convection), common in server racks and desktop enclosures.
* **C3 Material/Interface:** The "C3" designation typically refers to the thermal interface material (TIM) or specific coating. In this case, it indicates the part comes with **T412** phase change material, which acts as the thermal "bridge" between the electronic component and the metal.
### 3. Thermal Performance Analysis
Thermal resistance measures how effectively the part moves heat away from the silicon. Lower values (measured in °C/W) are better.
| Airflow (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 26.36 | 10.82 | 6.84 | 5.92 |
---
### 4. Typical Applications
* **BGA Components:** Used on Ball Grid Array processors that require active or passive cooling.
* **Telecommunications:** Cooling of high-speed networking switches and routers.
* **Industrial Electronics:** Power supply modules and motor controllers where heat density is high but space is limited.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W TDP processor?
- ⤷ What are the compatible hole sizes for the push-pin mounting system?