ATS-P2-36-C1-R0
AI

The **ATS-P2-36-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-speed data processors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing Air)** | 14.81°C/W @ 100 LFM |
| **Thermal Resistance (Static Air)** | ~ (Requires active cooling for efficiency) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 15mm |
| **Attachment Method** | pushPIN™ |
| **Spring Type** | Brass |
---
### 2. Key Design Features
#### A. Fin Geometry
* **Type:** Square pins / Cross-cut.
* **Function:** The "P2" designation indicates a specific pin-fin pattern. Unlike traditional straight fins, pin-fins allow for omnidirectional airflow, meaning the heat sink remains effective regardless of which direction the cooling air is blowing from.
#### B. pushPIN™ Attachment System
This part utilizes a standardized mechanical attachment rather than adhesive tapes.
* **Reliability:** Provides high pressure to ensure optimal contact with the heat source.
* **Pre-assembled:** Comes with a flexible "push-pin" and a high-performance compression spring.
* **Hole Pattern:** Requires specific PCB hole diameters (usually 3.175mm) for installation.
#### C. Thermal Interface Material (TIM)
* **Pre-applied:** The unit usually comes with **ATS-91** (a high-performance thermal pad or phase-change material) pre-applied to the base. This eliminates the need for manual thermal paste application and ensures a consistent thermal bond.
---
### 3. Applications and Usage
This heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Cooling Performance Summary
As airflow (LFM - Linear Feet per Minute) increases, the thermal resistance drops significantly:
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 14.81 |
| 300 | 1.5 | 5.68 |
| 500 | 2.5 | 3.85 |
| 700 | 3.5 | 3.01 |
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate the required hole pattern on a PCB for the pushPIN system?
- ⤷ Can this heat sink be used for passive cooling without a fan?