ATS-P2-31-C3-R0
AI

The **ATS-P2-31-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 25.33 °C/W (at 200 LFM) |
| **Fin Style** | Straight |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
| **Pitch** | 1.27 mm |
---
### 2. Key Components & Features
#### A. Thermal Interface Material (TIM)
The "C3" in the part number indicates that the heat sink comes pre-applied with **T412 Thermal Interface Material**. This is a high-performance phase-change material that ensures minimal thermal resistance between the electronic component (the heat source) and the aluminum base.
#### B. pushPIN™ Attachment
Unlike adhesive-based heat sinks, the **pushPIN™** system uses a flexible, spring-loaded mechanism.
- **Reliability:** Provides a consistent "clamping force" for better thermal contact.
- **Serviceability:** Allows the heat sink to be removed and reinstalled without damaging the PCB.
- **Hardware:** Includes a brass/plastic pin and a compression spring.
#### C. Fin Design (Straight Fin)
The part utilizes a straight-fin geometry. This is optimized for **forced convection** cooling (using a fan). The low profile (10mm height) makes it ideal for dense electronic enclosures or 1U server racks where vertical space is limited.
---
### 3. Part Number Breakdown
The nomenclature follows the ATS standard convention:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **P2:** Part family identifier.
* **31:** Specific design/series index.
* **C3:** Material/Thermal Interface code (T412).
* **R0:** Revision/Packaging code.
---
### 4. Typical Applications
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Computing:** Industrial PC processors.
* **Power Electronics:** DC-DC converters and MOSFET arrays.
- ⤷
What are the alternative attachment methods for ATS heat sinks if pushPIN is not suitable?
- ⤷ How does 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the weight and mechanical footprint of this specific model for PCB layout planning?