công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P2-202-C2-R0

  • AI
    The **ATS-P2-202-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for electronic packages like CPUs, GPUs, and other high-heat-density integrated circuits. --- ### 1. Technical Specifications The model number encodes specific physical and material characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | push-PIN™ | | **Heat Sink Type** | Straight Fin / Cross-Cut | | **Dimensions (L x W x H)** | 50mm x 50mm x 25mm | | **Thermal Resistance** | ~1.48°C/W (at 200 LFM) | | **Pressure Spring** | Brass / Stainless Steel | --- ### 2. Key Electronic Features #### push-PIN™ Attachment System This model utilizes a specialized attachment mechanism called **push-PIN™**. * **Vibration Resistance:** The spring-loaded pins provide a specific amount of tension, ensuring the heat sink remains in constant contact with the chip even under mechanical stress. * **Easy Installation:** It requires pre-drilled holes in the PCB (Printed Circuit Board) for mounting. #### Heat Sink Design * **High Performance:** The "P2" series indicates high-performance fin geometry. * **Cross-Cut Fins:** The fins are designed with gaps to allow for "all-around" airflow, making the heat sink effective regardless of which direction the air is blowing from a cooling fan. #### Thermal Interface Material (TIM) The "R0" at the end of the part number usually signifies that it comes pre-applied with a **Thermal Interface Material** (thermal grease or pad). This ensures there are no air gaps between the component and the heat sink, maximizing thermal conductivity. --- ### 3. Application Use Cases This specific part is generally used in the following electronic sectors: * **Telecommunications:** Cooling of high-speed networking switches. * **Industrial PC:** Cooling processors in ruggedized fanless or low-airflow environments. * **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the specific drill hole requirements for the push-PIN attachment?
    • ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a 50mm cooling fan?