ATS-P2-199-C1-R0
AI

The **ATS-P2-199-C1-R0** is a specific part number for a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and high-heat ICs.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Dimensions** | 50mm x 50mm x 6mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
| **Thermal Resistance** | 15.80°C/W (Unducted @ 200 LFM) |
---
### Key Components & Design Features
#### 1. Push-Pin Attachment Mechanism
The "P2" in the part number denotes a specific push-pin design. This mechanism provides a secure fit through pre-drilled holes in the PCB. The integrated springs ensure consistent pressure across the interface, which is critical for maximizing heat transfer and preventing damage to the silicon die.
#### 2. Thermal Interface Material (TIM)
The "C1" designation indicates that the unit comes pre-applied with **ATS T766** thermal material. This removes the need for manual thermal paste application, ensuring a uniform layer that bridges the microscopic air gaps between the component and the heat sink.
#### 3. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodizing:** Beyond aesthetics, the anodized layer provides minor protection against corrosion and can slightly improve emissivity.
#### 4. Low Profile Design
With a height of only **6mm**, this heat sink is designed for space-constrained environments such as:
* 1U/2U Rackmount servers.
* Compact embedded systems.
* Network switches and routers.
---
### Use Cases in Electronics
* **ASIC/FPGA Cooling:** Ideal for cooling programmable logic devices that generate localized heat.
* **Southbridge/Northbridge:** Commonly used on older motherboard chipsets or modern SOCs.
* **Power Electronics:** Can be used to dissipate heat from MOSFET arrays or VRM components.
- ⤷What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How does air flow (LFM) impact the thermal resistance of the ATS-P2-199-C1-R0?
- ⤷ Are there taller versions of this heat sink for better thermal performance?