ATS-P2-196-C1-R0
AI

The **ATS-P2-196-C1-R0** is a specific electronic component belonging to the **Thermal Management** category. It is a high-performance heat sink designed by Advanced Thermal Solutions (ATS) for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Resistance** | 18.07°C/W (Unducted Flow @ 100 LFM) |
| **Thermal Interface Material (TIM)** | No TIM (Requires separate pad or grease) |
---
### 2. Design and Engineering Features
### A. Fin Profile (Straight Fin)
This model utilizes a **straight fin** design. Straight fins are ideal for applications where there is a consistent, predictable airflow direction. They provide a large surface area for heat dissipation into the surrounding air.
### B. pushPIN™ Attachment System
The "P2" in the part number refers to the pushPIN™ mounting system. This system is designed for:
* **Ease of Assembly:** Quick installation without specialized tools.
* **Secure Fit:** A compression spring provides consistent pressure across the interface for optimal thermal transfer.
* **Reliability:** It reduces the risk of the heat sink shifting during vibration or shipping.
### C. Thermal Performance
The efficiency of this heat sink is measured by its **Thermal Resistance**. Lower resistance is better.
* **At 100 LFM (Linear Feet per Minute):** 18.07 °C/W
* **At 700 LFM:** 4.66 °C/W
* *Interpretation:* As airflow increases, the heat sink becomes significantly more efficient at removing heat.
---
### 3. Common Applications
The ATS-P2-196-C1-R0 is commonly used in hardware environments where vertical space is limited (due to its low 10mm profile):
1. **Telecommunications:** Cooling of high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling of MOSFETs or voltage regulators.
4. **LED Lighting:** Dissipating heat from high-power LED arrays.
---
### 4. Comparison with Similar Models
| Model | Height | Thermal Resistance (100 LFM) |
| :--- | :--- | :--- |
| ATS-P2-196-C1-R0 | 10.00mm | 18.07 °C/W |
| ATS-P2-197-C1-R0 | 15.00mm | 13.00 °C/W (Approx.) |
---
- ⤷
What are the benefits of Blue Anodized finish over natural aluminum?
- ⤷ How do I choose the correct spring tension for the push-pin mounting?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?