ATS-P2-195-C2-R0
AI

The **ATS-P2-195-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs in constrained environments.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Specification | Detail |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heatsink |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Dimensions** | 40mm x 40mm x 20mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 10.95°C/W (at 100 LFM) |
| **Thermal Interface** | T766 (High performance phase-change material) |
---
### 2. Key Electronic Features
The "electronic parts" of this assembly are focused on physical heat dissipation rather than active circuitry.
#### A. Fin Design (Cross-Cut)
The heatsink utilizes a **straight-fin or cross-cut design**. This increases surface area and allows for multi-directional airflow, making it ideal for electronic enclosures where air direction might be turbulent or inconsistent.
#### B. Push-Pin Attachment Mechanism
Rather than using adhesive tape (which can fail under high heat), this part uses a mechanical **Push-Pin and Spring** system:
* **Compression Springs:** These provide precise, even pressure across the electronic chip (IC) to ensure maximum thermal contact.
* **Safety:** Mechanical attachment prevents the heatsink from shifting during shipping or vibration, protecting delicate BGA (Ball Grid Array) solder joints.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the presence of **T766 thermal grease or pad**. This material fills the microscopic air gaps between the electronic component’s surface and the heatsink base, significantly lowering thermal resistance.
---
### 3. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PCs:** Cooling embedded processors in fanless or low-airflow environments.
3. **Power Supplies:** Dissipating heat from MOSFETs or power regulators.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How does the T766 interface material compare to standard thermal paste?
- ⤷ What is the recommended hole pattern for mounting this heatsink on a PCB?