ATS-P2-181-C1-R0
AI

The **ATS-P2-181-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed for efficient cooling of integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The part number defines specific physical and thermal characteristics. Here is the breakdown:
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Fin Type** | Straight Fin (High Density) |
| **Thermal Resistance** | ~1.18°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
---
### 2. Key Electronic Components Breakdown
#### A. The Heat Sink Body
The body is made of **6063-T5 aluminum**, chosen for its excellent thermal conductivity and lightweight properties. The "C1" in the part number indicates a specific thermal performance grade, and the "Blue Anodized" finish protects against corrosion and increases surface emissivity.
#### B. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a mechanical attachment system consisting of:
* **Plastic/Brass Pins:** Inserted through pre-drilled holes in the PCB.
* **Compression Springs:** Provide a precise, consistent "firm" pressure (load) on the electronic component (CPU, GPU, or FPGA), ensuring optimal thermal interface contact.
#### C. Thermal Interface Material (TIM)
The **-R0** suffix indicates that the unit typically comes with **pre-applied Phase Change Material (PCM)** or a high-performance thermal pad. This eliminates the need for manual application of thermal grease during assembly.
---
### 3. Typical Applications
This specific low-profile (10mm height) heat sink is used in space-constrained electronic environments:
* **Networking Gear:** Routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Telecommunications:** High-speed data processing units.
---
### 4. Thermal Performance Data
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 2.40 |
| 200 (Unducted) | 1.18 |
| 400 (Unducted) | 0.85 |
- ⤷
What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be used on a PCB without pre-drilled holes?
- ⤷ How do I calculate the required LFM for my specific electronic component?