AI

The **ATS-P2-170-C1-R0** is a specific electronic component within the **thermal management** category. It is a high-performance heat sink assembly manufactured by **Advanced Thermal Solutions (ATS)**, designed for cooling electronic components such as CPUs, GPUs, or power modules.
---
## 1. Technical Specifications
The following table summarizes the core electronic and physical attributes of the part:
| Attribute | Specification |
| :--- | :--- |
| **Part Number** | ATS-P2-170-C1-R0 |
| **Component Category** | Thermal Management / Heat Sinks |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Body), Copper (Thermal Interface) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | Variable based on Airflow (LFM) |
| **Dimensions** | 45mm x 45mm (Footprint) |
| **Height** | 12.7mm (Low Profile) |
---
## 2. Key Electronic Features
### PushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a **pushPIN™** system. This is critical for electronic stability because:
* **Constant Pressure:** It ensures uniform pressure across the electronic chip, optimizing thermal transfer.
* **Vibration Resistance:** The spring-loaded mechanism prevents the heat sink from shifting during industrial vibrations.
### Thermal Interface Material (TIM)
The part comes pre-applied with **ATS-NO-TIM**, a high-performance thermal interface material. In electronic design, the TIM is essential to fill microscopic air gaps between the semiconductor die and the heat sink, preventing localized "hot spots" that can lead to component failure.
### Heat Sink Geometry
The "P2" designation refers to the **straight-fin** or **cross-cut** design (depending on the specific series iteration). This geometry is optimized for:
* **Force Convection:** Designed to work with system fans.
* **Low Profile:** The 12.7mm height makes it suitable for dense electronic assemblies like 1U servers or embedded systems.
---
## 3. Performance Analysis (Thermal)
Electronic performance is directly linked to temperature. The ATS-P2-170-C1-R0 helps maintain the **Junction Temperature ($T_j$)** of a chip within safe limits.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | ~10.00 |
| 300 (Unducted) | ~4.00 |
| 500 (Unducted) | ~3.00 |
---
## 4. Usage in Circuit Design
When integrating this part into a PCB layout, engineers must account for:
1. **Hole Pattern:** The PCB must have pre-drilled holes to accommodate the pushPIN™ spacing.
2. **Keep-out Zones:** The blue anodized aluminum is conductive; however, the finish provides slight insulation. Nevertheless, a "keep-out" zone around the 45x45mm area is required to prevent shorting nearby surface-mount devices (SMDs).
- ⤷
What are the specific hole diameter requirements for the pushPIN™ attachment?
- ⤷ How does the 'C1' finish code affect the thermal emissivity of the part?
- ⤷ Is there a version of this heat sink compatible with adhesive mounting instead of pins?