ATS-P2-168-C3-R0
AI

The **ATS-P2-168-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. Technical Specifications
This part is designed for cooling integrated circuits (ICs), high-speed processors, and power modules.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight (optimized for airflow) |
| **Thermal Resistance** | 6.94°C/W (undirected airflow) |
| **Dimensions** | 45mm x 45mm x 25mm |
---
### 2. Component Breakdown
The part consists of three primary electronic-mechanical sub-components:
#### A. The Heat Sink Body
* **Geometry:** It uses a square footprint (45mm) and a height of 25mm.
* **Material:** Extruded aluminum, which provides high thermal conductivity and low weight.
* **Finish:** The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiant heat transfer.
#### B. The Attachment Mechanism (Push-Pin)
* **Purpose:** Securely fastens the heat sink to the Printed Circuit Board (PCB).
* **Advantage:** Push-pins provide a consistent downward force (pressure) on the electronic chip, which is critical for the efficiency of the Thermal Interface Material (TIM).
* **Material:** Usually high-temperature resistant plastic or brass with a compression spring.
#### C. Thermal Interface Material (TIM)
* **Pre-applied:** This specific model comes with **T766** pre-applied.
* **Function:** This is a phase-change or grease-like layer at the base of the heat sink that fills microscopic air gaps between the electronic component (CPU/FPGA) and the heat sink, maximizing heat conduction.
---
### 3. Key Applications in Electronics
The ATS-P2-168-C3-R0 is typically used in the following electronic environments:
* **Networking Gear:** Cooling high-speed routers, switches, and gateways.
* **Embedded Computing:** Protecting ARM processors or FPGAs from overheating in industrial enclosures.
* **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulator Modules (VRMs).
---
### 4. Thermal Performance Data
* **At 100 LFM (Linear Feet per Minute):** 6.94 °C/W
* **At 500 LFM:** 2.62 °C/W
* **At 700 LFM:** 2.30 °C/W
*Note: Higher airflow (LFM) significantly lowers the thermal resistance, allowing the electronic part to run cooler at higher clock speeds.*
- ⤷
How do I determine if the 45mm footprint fits my specific PCB layout?
- ⤷ What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ Are there alternative mounting options if my PCB does not have push-pin holes?