ATS-P2-149-C1-R0
AI

The **ATS-P2-149-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 6.18°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins with springs) |
| **Thermal Interface Material (TIM)** | ATS-54 (Pre-applied) |
| **Weight** | ~25 grams |
---
### 2. Key Electronic Features
While a heat sink is a passive component, its design is critical for the stability of electronic circuits:
* **maxiFLOW™ Design:** It features a flared fin structure. This increases the surface area for cooling while reducing the pressure drop across the heat sink, allowing air to flow more freely through the fins.
* **pushPIN™ Mounting:** This electronic assembly feature ensures a precise and consistent pressure on the semiconductor package. This is vital because uneven pressure can lead to poor thermal contact or mechanical stress on the PCB.
* **Thermal Interface Material (TIM):** The **ATS-54** pre-applied pad is a high-performance phase-change material. It fills the microscopic air gaps between the component (chip) and the metal heat sink to ensure maximum heat transfer.
* **EMI Shielding Compatibility:** The low profile and material composition are designed to minimize interference with high-frequency electronic signals on the board.
---
### 3. Applications
This specific model is typically used in:
1. **Telecommunications:** Cooling of routers and high-speed switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling of DC-DC converters or MOSFET arrays.
---
- ⤷
What are the advantages of the pushPIN™ mounting system over traditional adhesive tape?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?