ATS-P2-135-C2-R0
AI

The **ATS-P2-135-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.00°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 20mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Key Design Elements
#### A. The pushPIN™ Attachment System
One of the defining electronic integration features of this part is the **pushPIN™** system. Unlike adhesive-based heat sinks, this uses:
* **Compression Springs:** Provides precise pressure (Force) to ensure maximum contact between the chip and the heat sink.
* **Brass/Plastic Pins:** Used to secure the sink through pre-drilled holes in the PCB.
#### B. Material and Coating
* **Aluminum Construction:** Offers a balance between weight and thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization process increases the surface emissivity, slightly improving heat radiation and protecting the aluminum from corrosion in industrial environments.
#### C. Fin Geometry (Straight Fin)
The straight-fin design is optimized for **forced air cooling**. It allows air from a system fan to flow through the channels with low pressure drop, making it ideal for server racks or high-airflow enclosures.
---
### 3. Thermal Performance Indicators
In electronics, thermal management is measured by **Thermal Resistance (Θca)**. The ATS-P2-135-C2-R0 performs differently based on the Airflow (LFM - Linear Feet per Minute):
* **Unducted Flow (200 LFM):** ~3.00°C/W
* **Unducted Flow (500 LFM):** ~1.40°C/W
* **Unducted Flow (700 LFM):** ~1.10°C/W
*Note: A lower °C/W value indicates better cooling efficiency.*
---
### 4. Implementation Example
If you are using this part for a power MOSFET generating **20W** of heat:
1. **Thermal Rise:** At 200 LFM (3.00°C/W), the temperature of the component will rise **60°C** above the ambient air temperature.
2. **Calculation:** $20W \times 3.00^\circ C/W = 60^\circ C$.
---
- ⤷
What are the advantages of using pushPIN™ over thermal adhesive?
- ⤷ How does the 'C2' in the part number relate to the material or finish?
- ⤷ What size PCB holes are required for the mounting pins of this heat sink?