ATS-P2-13-C1-R0
AI

The **ATS-P2-13-C1-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Base Dimensions** | 50.00mm x 50.00mm |
| **Height** | 15.00mm |
| **Thermal Resistance** | 13.68 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Fine Pitch (XC-Cut) |
---
### 2. Key Electronic Components & Design
The "Electronic Parts" of this assembly are not active circuits, but rather the mechanical interface components that ensure thermal contact with the PCB.
#### A. The Heat Sink Body
* **Fin Design:** It uses a high-density fin array which maximizes surface area for heat dissipation.
* **XC-Cut Pattern:** This allows for "cross-cut" airflow, meaning it can accept air from multiple directions, making it ideal for crowded PCBs where airflow direction might be inconsistent.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or permanent solder, this part uses a mechanical fastening system:
1. **Brass Pins:** Inserted through pre-drilled holes in the PCB.
2. **Stainless Steel Springs:** Provide precise "Compression Force" to ensure the heat sink is pressed firmly against the component (CPU/GPU/FPGA).
3. **Plastic/Nylon Components:** Some variations use non-conductive materials to prevent electrical shorts on the board.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the part comes with a **pre-applied Thermal Interface Material**. This is a specialized polymer or grease that fills microscopic air gaps between the chip and the aluminum base to improve heat transfer.
---
### 3. Application Use Cases
This specific part is commonly found in the following electronic environments:
* **Networking Hardware:** Routers, switches, and gateways.
* **Industrial PCs:** Compact computers requiring passive or forced-air cooling.
* **Power Supplies:** Cooling high-wattage MOSFETs or voltage regulators.
* **Embedded Systems:** High-performance ARM or FPGA boards.
- ⤷
What is the difference between the R0 and R1 suffixes in ATS heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific model?
- ⤷ Are there specific PCB hole patterns required for the pushPIN attachment?