ATS-P2-126-C2-R0
AI

The **ATS-P2-126-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.66°C/W (at 200 LFM) |
| **Flow Direction** | Directional (High-performance fin pattern) |
---
### 2. Key Design Features
#### A. Fin Geometry
The "P2" in the part number refers to the **maxiFLOW™** design. Unlike standard straight-fin heat sinks, this design features a tapered fin structure that:
* Reduces pressure drop.
* Increases surface area for convection.
* Maximizes airflow through the fin field, which is critical in dense electronic enclosures.
#### B. pushPIN™ Attachment
This part utilizes a **pushPIN™** mounting system.
* It consists of a brass or plastic pin and a high-performance compression spring.
* It ensures a precise, repeatable "clip-on" force to maintain optimal contact between the heat sink and the electronic component (TIM - Thermal Interface Material).
#### C. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodizing:** This is not just aesthetic; the anodized layer provides corrosion resistance and improves thermal emissivity.
---
### 3. Application Use Cases
This specific heat sink is typically found in the following electronic systems:
1. **Telecommunications:** High-speed routers and switches where components generate significant heat in tight spaces.
2. **Industrial PC (IPC):** Embedded systems requiring passive or active cooling for processing units.
3. **Power Electronics:** Cooling MOSFETs or IGBT modules that are mounted directly to a PCB.
---
### 4. Part Number Breakdown
The nomenclature `ATS-P2-126-C2-R0` can be decoded as follows:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **P2:** Product Family (maxiFLOW™).
* **126:** Specific size/footprint code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or Packaging variant.
- ⤷
What is the required hole diameter on the PCB for the pushPIN mounting?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the thermal resistance values at different airflow speeds (LFM)?