ATS-P2-117-C3-R0
AI

The **ATS-P2-117-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" series.
Below is a breakdown of its technical specifications and electronic application characteristics.
---
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | XC Cut (Cross-cut) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 4.33°C/W (@ 100 LFM) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the part fits on a Printed Circuit Board (PCB) without interfering with adjacent components.
* **Length (Dimension A):** 45.00 mm
* **Width (Dimension B):** 45.00 mm
* **Height (Dimension C):** 10.00 mm (Low profile)
* **Pitch (Dimension E):** 38.00 mm (Distance between mounting holes)
---
### 3. Electronic Design Characteristics
#### A. Thermal Performance
This heat sink is designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs. The "XC Cut" design provides a "cross-cut" fin pattern, which allows for multi-directional airflow. This makes it highly efficient in systems where air might be coming from different angles or in compact enclosures.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the **ATS-P2-117-C3-R0** uses a mechanical push-pin system.
* **Reliability:** Provides constant pressure (preload) for better thermal interface material (TIM) performance.
* **Durability:** More secure than tape in high-vibration or high-heat environments.
* **Installation:** Requires pre-drilled holes in the PCB.
#### C. Material & Finish
* **Aluminum:** Provides a lightweight solution with high thermal conductivity.
* **Blue Anodize:** This is not just for aesthetics; the anodized coating increases the surface emissivity, slightly improving radiative cooling, and protects the aluminum from corrosion.
---
### 4. Application Context
In electronic engineering, this part is typically used for:
1. **Telecommunications Equipment:** Where high reliability and low profile are required.
2. **Embedded Systems:** Cooling processors on compact boards.
3. **Power Supplies:** Managing heat on power-regulating transistors.
- ⤷
What are the benefits of cross-cut fins versus straight fins?
- ⤷ How do I calculate if the 4.33°C/W thermal resistance is sufficient for my chip?
- ⤷ What size PCB holes are required for the ATS push-pin system?