công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P2-10-C1-R0

  • AI
    The **ATS-P2-10-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed for high-density electronic cooling. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ | | **Dimensions (L x W x H)** | 45mm x 45mm x 25mm | | **Thermal Resistance (Flowing Air)** | 3.25 °C/W @ 200 LFM | | **Thermal Resistance (Duct Air)** | 1.45 °C/W @ 700 LFM | | **Compliance** | RoHS and REACH Compliant | --- ## 2. Key Electronic & Design Features ### A. maxiFLOW™ Fin Geometry The fin design is the standout feature of this part. Unlike traditional straight-fin heat sinks, the maxiFLOW™ design features a **flared fin profile**. This increases the surface area for heat dissipation while maximizing airflow performance in restricted spaces. ### B. pushPIN™ Attachment System This part uses a specific mechanical mounting system: * **Precision Springs:** Ensures consistent pressure (Force) across the interface for optimal heat transfer. * **Hardware:** Available in brass or plastic bolts. * **Stability:** Provides better mechanical stability against shock and vibration compared to adhesive thermal tapes. ### C. Thermal Interface Material (TIM) The "C1" in the part number indicates the type of thermal interface material pre-applied to the base. * **ATS-P2-10-C1-R0** typically comes with a high-performance **Phase Change Material** or a specific thermal pad to bridge the microscopic air gaps between the semiconductor and the heat sink. --- ## 3. Application Use Cases This heat sink is designed for cooling high-heat-generating electronic components, including: 1. **CPUs and GPUs:** Used in embedded systems and industrial PCs. 2. **FPGAs/ASICs:** Ideal for high-speed networking equipment and telecommunications. 3. **Power Electronics:** Cooling power converters and high-capacity transistors. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the C1 and C2 versions of this heat sink?
    • ⤷ Can the pushPIN system be adjusted for different PCB thicknesses?
    • ⤷ How do I calculate the thermal resistance for my specific airflow (LFM)?