công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P2-05-C2-R0

  • AI
    The **ATS-P2-05-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or power transistors. --- ### 1. Technical Specifications The following table outlines the key physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Heat Sink Type** | Fine Pitch (Square) | | **Attachment Method** | Push-pin (Spring-loaded) | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W)** | 40mm x 40mm | | **Height (Height Off Base)** | 25mm | | **Thermal Resistance** | 12.75°C/W (at 100 LFM) to 1.58°C/W (at 700 LFM) | --- ### 2. Key Component Features #### A. pushPIN™ Attachment System This part uses a specific mounting mechanism that consists of a **brass or plastic push-pin** and a **compression spring**. * **Benefits:** It provides a precise "clamping force" to ensure optimal contact between the heat sink and the electronic chip. * **Stability:** The spring-loaded assembly prevents the heat sink from shifting during vibration or shipping. #### B. Heat Sink Geometry (Fin Design) The "P2" in the part number often refers to the fin pattern. * **Fin Pitch:** This model uses a **Fine Pitch** design, which increases the surface area available for heat exchange. * **Airflow:** It is designed for "cross-cut" airflow, meaning it can handle air coming from multiple directions, though it performs best in forced-air environments (fan-cooled). #### C. Thermal Interface Material (TIM) The part usually comes with a pre-applied **Phase Change Material (PCM)** or thermal tape. * **Function:** It fills microscopic air gaps between the chip surface and the heat sink base to maximize heat transfer efficiency. --- ### 3. Application Use Cases The ATS-P2-05-C2-R0 is typically used in: 1. **Telecommunications:** Cooling high-speed processors in routers and switches. 2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high. 3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
    ✨ Follow-up Questions
    • ⤷ What are the different types of push-pin materials available for this series?
    • ⤷ How does the 'C2' designation in the part number affect the thermal coating?
    • ⤷ Which fan CFM is recommended for optimal performance with this 40mm heat sink?