công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P2-05-C1-R0

  • AI
    The **ATS-P2-05-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *maxiFLOW™* series, designed for high-density electronic cooling. --- ### 1. Technical Specifications The following table summarizes the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Family** | maxiFLOW™ | | **Material** | Aluminum (Black Anodized) | | **Dimensions** | 40mm x 40mm x 5.9mm | | **Thermal Resistance** | 12.13°C/W (at 200 LFM) | | **Attachment Method** | pushPIN™ | | **Interface Material** | Thermal Interface Material (TIM): T766 | --- ### 2. Key Electronic Features #### A. The maxiFLOW™ Design The heat sink features a unique **flared fin pattern**. Unlike traditional straight-fin heat sinks, this design increases the surface area and encourages more efficient airflow through the fin field, significantly reducing the junction temperature of the electronic chip it protects. #### B. pushPIN™ Attachment System This part uses a specialized mounting mechanism: * **Compression Spring:** Ensures consistent pressure (force) between the heat sink and the electronic component (CPU, GPU, or ASIC). * **Secure Fit:** Prevents the heat sink from shifting during mechanical shock or vibration, which is critical for industrial or telecommunication electronics. #### C. Thermal Interface Material (TIM) The "R0" suffix indicates that the part comes pre-applied with **T766 phase-change material**. This eliminates the need for manual thermal paste application and ensures a low-resistance thermal path between the semiconductor die and the aluminum fins. --- ### 3. Common Applications This specific part is typically found in the following electronic environments: 1. **Telecommunications:** Cooling of high-speed networking processors. 2. **Embedded Systems:** Industrial motherboards where space is limited. 3. **Power Supplies:** Heat dissipation for high-density power modules.
    ✨ Follow-up Questions
    • ⤷ What are the benefits of the flared fin design compared to straight fins?
    • ⤷ Can this heat sink be used with different attachment methods besides pushPIN?
    • ⤷ How do I calculate if the 12.13°C/W thermal resistance is sufficient for my chip?