ATS-P2-02-C3-R0
AI

The **ATS-P2-02-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "push-pin" series designed for cooling surface-mount components like CPUs, GPUs, or FPGAs.
---
## 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with Compression Springs) |
| **Thermal Resistance** | 18.44°C/W (Unducted @ 200 LFM) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Weight** | 10.0 grams |
---
## 🧩 Key Components & Features
### 1. Fin Profile (Straight Fin)
The "P2" in the part number indicates the fin structure. This model uses a **Straight Fin** design.
* **Purpose:** Provides maximum surface area for heat dissipation in environments with consistent airflow.
* **Efficiency:** Ideal for high-velocity air cooling.
### 2. Push-Pin Attachment Mechanism
Instead of using adhesive tapes or thermal epoxy, this part uses a mechanical fastening system:
* **Push-Pins:** Plastic or brass pins that lock into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure constant, high pressure between the heat sink and the electronic component, which significantly improves thermal transfer.
### 3. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves "emissivity" (the ability to radiate heat).
### 4. Thermal Interface Material (TIM)
The "C3" suffix typically indicates that the part comes pre-applied with a thermal interface material (like a Phase Change Material or thermal pad).
* **Function:** Fills microscopic air gaps between the heat sink and the chip to reduce thermal resistance.
---
## 📈 Performance Data (Airflow)
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 18.44 |
| 400 (2.0 m/s) | 8.82 |
| 600 (3.0 m/s) | 6.39 |
| 800 (4.0 m/s) | 5.17 |
---
## ⚠️ Application Notes
This part is best suited for **Electronic Power Applications** where reliability is critical. Because it uses mechanical push-pins, it is more resistant to shock and vibration than "peel-and-stick" heat sinks, making it ideal for telecommunications, automotive, and industrial computing.
- ⤷
How do I determine if my PCB layout is compatible with the push-pin spacing of this heat sink?
- ⤷ What is the difference between blue anodized and black anodized heat sinks in terms of performance?
- ⤷ Can this heat sink be used without active airflow (passive cooling)?