ATS-P1-75-C1-R0
AI

## Technical Overview of ATS-P1-75-C1-R0
The **ATS-P1-75-C1-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series, specifically designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Part Number** | ATS-P1-75-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 1.47°C/W @ 200 LFM (Linear Feet per Minute) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 30.00mm |
---
### 2. Design and Construction
#### A. Fin Profile (straight fin)
The unit features a high-density straight-fin design. This increases the surface area available for heat dissipation, making it highly effective in environments with forced-air cooling (fans).
#### B. Push-Pin Mounting
Instead of using adhesive tapes or thermal epoxy, this model uses a **brass push-pin** mechanism.
- **Reliability:** Provides consistent pressure (clamping force) across the component.
- **Serviceability:** Allows for easier removal and re-application of thermal paste compared to permanent adhesives.
#### C. Material and Coating
- **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
- **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and slightly improves radiant heat transfer.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the device moves heat away from the silicon die.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.95 |
| 200 (1.0 m/s) | 1.47 |
| 300 (1.5 m/s) | 1.25 |
| 400 (2.0 m/s) | 1.12 |
---
### 4. Typical Applications
* **BGA (Ball Grid Array) Cooling:** Used on chipsets, processors, and FPGAs.
* **Telecommunications:** Network switches and routers.
* **Industrial PCs:** Compact computing modules requiring passive or active cooling.
- ⤷
What are the mechanical hole requirements for the push-pin installation?
- ⤷ How does the 'C1' suffix in the part number affect the material or thermal interface?
- ⤷ Can this heat sink be used with a standard 25mm fan?