ATS-P1-71-C2-R0
AI

The **ATS-P1-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 30.00mm |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Thermal Resistance (LFM 200)** | 2.51 °C/W |
| **Thermal Resistance (LFM 700)** | 0.82 °C/W |
| **Spring Type** | ATS-PPS-01 |
| **Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Key Design Features
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design that increases the surface area for maximum convection while minimizing the pressure drop.
* **pushPIN™ Attachment:** This model uses a plastic or brass push-pin mechanism combined with a compression spring. This ensures consistent pressure on the electronic component, which optimizes heat transfer through the thermal interface material (TIM).
* **High Performance:** It is optimized for "forced air" environments (airflow from fans). As shown in the specs, the thermal resistance drops significantly as airflow (LFM - Linear Feet per Minute) increases.
* **Pre-applied TIM:** The "T766" designation indicates it comes with a high-performance phase-change material already applied to the base, simplifying the assembly process in manufacturing.
---
### 3. Application Use Cases
This part is typically found in:
* **Telecommunications:** Cooling of high-speed networking processors.
* **Embedded Systems:** Thermal management for industrial motherboards.
* **Power Electronics:** Dissipating heat from high-wattage voltage regulators.
---
- ⤷
What is the difference between blue anodized and black anodized coatings for heat sinks?
- ⤷ How do I calculate if the 2.51 °C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if pushPIN is not supported on my PCB?