ATS-P1-57-C2-R0
AI

The **ATS-P1-57-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** from Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs) and other electronic components to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | Part of the push-pin series |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and provides protection |
| **Mounting Type** | Push-Pin | Secure mechanical attachment to the PCB |
| **Dimensions** | 40mm x 40mm x 15mm | Standard footprint for BGA and CPUs |
| **Thermal Resistance** | 13.16°C/W (at 100 LFM) | Rate of heat transfer in airflow |
---
### 2. Design Features
The "P1" designation indicates the **straight fin** design, which is optimized for specific airflow conditions:
* **Straight Fin Profile:** Ideal for environments with unidirectional airflow (forced convection).
* **Push-Pin Attachment:** This model uses a spring-loaded push-pin mechanism. This provides more consistent pressure (TIM compression) compared to adhesive tapes, improving heat transfer efficiency.
* **Thermal Interface Material (TIM):** Typically comes pre-applied with **T766** high-performance thermal phase-change material or similar, ensuring there are no air gaps between the component and the heatsink.
---
### 3. Electronic Application
This part is commonly used in the following electronic systems:
1. **FPGA/ASIC Cooling:** High-speed chips that generate significant heat in telecommunications.
2. **Embedded Systems:** Industrial PCs where mechanical stability is required (push-pins prevent the heatsink from falling off due to vibration).
3. **Power Supplies:** Cooling voltage regulators or power transistors.
---
### 4. Part Number Breakdown
The code **ATS-P1-57-C2-R0** can be decoded as follows:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **P1:** Product series (Push-pin heatsink).
* **57:** Specific dimension/fin geometry code.
* **C2:** Material/Finish code (Aluminum, Blue Anodized).
* **R0:** Revision or packaging code.
- ⤷
What is the hole-to-hole distance required on the PCB for this push-pin heatsink?
- ⤷ How does the thermal resistance change as air velocity (LFM) increases for this part?
- ⤷ Can this heatsink be used with adhesive tape instead of push-pins?