công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P1-52-C3-R0

  • AI
    The **ATS-P1-52-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets. Below is a detailed breakdown of its specifications and electronic application characteristics. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-P1-52-C3-R0 | | **Material** | Aluminum (High Thermal Conductivity) | | **Finish** | Red Anodized | | **Thermal Resistance** | 10.88 °C/W (@ 100 LFM) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 30mm x 30mm x 25mm | | **Fin Style** | Straight Fin | --- ### 2. Electronic Design Characteristics #### A. Thermal Management The primary purpose of this part is **convective cooling**. In electronics, heat is the enemy of longevity. The `10.88 °C/W` rating indicates that for every watt of power dissipated by the component, the temperature will rise by roughly 11 degrees Celsius above the ambient air temperature (at low airflow). #### B. pushPIN™ Attachment System This component uses the proprietary **pushPIN™** system, which is critical for electronic PCB (Printed Circuit Board) assembly: * **Precision Tension:** It uses a high-tension spring to ensure a firm, even contact between the heat sink and the electronic chip. * **Reliability:** Unlike adhesive tapes, mechanical fasteners prevent the heat sink from shifting during vibration or thermal expansion. #### C. Material and Coating * **Aluminum:** Chosen for its balance between thermal conductivity and weight. * **Red Anodized Finish:** The anodization layer provides a thin protective coating against corrosion and slightly increases emissivity, which helps with radiant heat transfer. It also provides electrical insulation to prevent short circuits if the sink accidentally touches nearby components. --- ### 3. Typical Applications This specific heat sink is typically found in: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where vertical space (25mm height) is available. 3. **Power Electronics:** Voltage regulators and power transistors that require active or passive cooling. --- ### 4. Component Comparison Code Snippet If you are integrating this into a Bill of Materials (BOM) or thermal simulation, you might represent the thermal characteristics in a data structure like this: ```json { "part_number": "ATS-P1-52-C3-R0", "category": "Thermal Management", "mounting": "pushPIN", "thermal_resistance": { "100_LFM": 10.88, "200_LFM": 4.80, "300_LFM": 3.40 }, "dimensions_mm": [30, 30, 25] } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between straight fin and cross-cut fin heat sinks?
    • ⤷ How do I calculate the required airflow (LFM) for this heat sink?
    • ⤷ Are there alternative mounting options if my PCB lacks holes for pushPIN?