ATS-P1-47-C2-R0
AI

The **ATS-P1-47-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs) and other electronic components to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the material, dimensions, and thermal properties.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.23°C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 30.00mm |
---
### 2. Physical Design & Features
The "P1" designation refers to the specific **straight-fin** or **cross-cut** design optimized for airflow.
* **Heat Sink Profile:** It features a tall 30mm profile, which provides a large surface area relative to its 25mm footprint, making it ideal for boards with vertical clearance.
* **Push-Pin Attachment:** The "R0" at the end of the part number indicates the use of plastic push-pins and a compression spring. This ensures consistent pressure between the heat sink and the component (TIM - Thermal Interface Material).
* **Material Properties:** Made from lightweight aluminum with high thermal conductivity. The Blue Anodized finish increases surface emissivity and provides corrosion resistance.
---
### 3. Thermal Performance (Flow Rate)
Thermal resistance varies based on the velocity of the air passing through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.23 |
| 200 (1.0 m/s) | 1.72 |
| 300 (1.5 m/s) | 1.51 |
| 400 (2.0 m/s) | 1.38 |
---
### 4. Typical Applications
This specific part is commonly found in:
1. **Networking Hardware:** Routers, switches, and small-form-factor servers.
2. **Power Electronics:** Voltage regulators and power transistors.
3. **Embedded Systems:** High-speed processors or FPGAs that generate significant heat in a small 25x25mm area.
- ⤷
What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How do I calculate if the 2.23°C/W resistance is sufficient for my chip?
- ⤷ Are there low-profile alternatives in the ATS-P1 series?