AI

The **ATS-P1-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It is part of their "maxiFLOW" series designed for cooling electronic components like CPUs, GPUs, and ASICs.
---
### 1. Key Technical Specifications
Below are the primary physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | ~1.80°C/W (at 200 LFM) |
---
### 2. Design and Components
The ATS-P1-16-C2-R0 consists of several engineered parts that work together to dissipate heat efficiently:
* **Tapered Fin Design:** The "maxiFLOW" geometry features a flared fin pattern. This increases the surface area while reducing pressure drop, allowing air to flow more freely through the fins compared to standard straight-fin designs.
* **pushPIN™ Attachment:** Instead of messy adhesives or weak tape, this part uses a mechanical spring-loaded pin system. This ensures **consistent interface pressure**, which is critical for maximizing heat transfer from the chip to the sink.
* **Pre-Applied TIM:** These units typically come with a high-performance **Thermal Interface Material (TIM)** (Phase Change Material) pre-applied to the base, ensuring there are no air gaps between the component and the heat sink.
---
### 3. Electronic Performance Impact
In an electronic circuit, this part serves the following functions:
1. **Thermal Regulation:** It prevents "Thermal Throttling" of processors by keeping junction temperatures below the maximum threshold (typically < 100°C).
2. **Reliability:** By reducing the operating temperature of semiconductors, it exponentially increases the Mean Time Between Failures (MTBF) of the device.
3. **Acoustics:** High thermal efficiency allows system fans to run at lower RPMs, reducing the overall noise profile of the electronic assembly.
---
### 4. Implementation Requirements
To use this part in a PCB design, the following must be present:
* **Hole Pattern:** The PCB must have two holes drilled at a specific pitch (distance) to accommodate the pushPIN™ fasteners.
* **Keep-out Zone:** A 54mm x 54mm area is required, plus clearance for the spring clips.
- ⤷
What is the exact hole-to-hole pitch required for the pushPIN attachment?
- ⤷ How does blue anodizing affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?