ATS-P1-154-C2-R0
AI

The **ATS-P1-154-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, and FPGAs.
---
### 1. Key Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.51°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Fin Pattern** | Straight Fin (High density) |
---
### 2. Functional Electronic Components
The "part" itself is a passive mechanical component, but it integrates several features essential for electronic assemblies:
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied **T766** high-performance thermal phase-change material. This ensures minimal air gaps between the chip and the heat sink.
* **Compression Springs:** It utilizes a brass or stainless steel spring mechanism to provide precise pressure on the electronic package, ensuring consistent thermal contact without damaging delicate PCB traces.
* **pushPIN™ Fasteners:** These are plastic or metal pins that snap into pre-drilled holes in the PCB, providing a secure mount that is vibration-resistant.
---
### 3. Thermal Performance Profile
The effectiveness of this part depends on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 7.51 °C/W |
| **300 LFM (1.5 m/s)** | 3.43 °C/W |
| **500 LFM (2.5 m/s)** | 2.63 °C/W |
| **700 LFM (3.5 m/s)** | 2.22 °C/W |
---
### 4. Applications
The ATS-P1-154-C2-R0 is commonly used in:
1. **Telecommunications:** Cooling of high-speed networking switches.
2. **Embedded Systems:** Industrial PCs where vertical space is limited (15mm height).
3. **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
- ⤷
What is the difference between the C2 and R0 suffixes in this part number?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of the pushPIN?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?