ATS-P1-151-C3-R0
AI

The **ATS-P1-151-C3-R0** is a high-performance electronic thermal management component specifically designed for cooling high-density electronic assemblies. It is part of the **pushPIN™** Heat Sink System manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
This heat sink is engineered for specific thermal resistance requirements and fits standard electronic footprints.
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-P1-151-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 3.93 °C/W (@ 100 LFM) |
---
### 2. Physical Design & Construction
* **Heat Sink Profile:** It features a **Straight Fin** design. This is optimized for longitudinal airflow, providing a large surface area for heat dissipation while maintaining a low pressure drop.
* **Material (AL6063):** Chosen for its excellent thermal conductivity and structural integrity.
* **Blue Anodized Coating:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and increases surface emissivity for better radiant heat transfer.
---
### 3. Attachment Mechanism (pushPIN™)
The "P1" in the part number refers to the specific attachment kit included. This system replaces traditional adhesive tapes with a mechanical solution:
1. **Spring-Loaded Bolts:** Ensure constant pressure between the heat sink and the electronic component (CPU, GPU, or FPGA), maximizing thermal interface efficiency.
2. **Ease of Installation:** It uses a pre-drilled hole pattern on the PCB, allowing for secure mounting that is resistant to shock and vibration.
---
### 4. Thermal Performance
The efficiency of this part is measured by its thermal resistance (expressed in °C/W). Lower values indicate better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.93 |
| 300 (1.5 m/s) | 2.22 |
| 500 (2.5 m/s) | 1.84 |
---
### 5. Common Applications
* **Embedded Systems:** Cooling microprocessors and SOCs.
* **Telecommunications:** Cooling signal processing chips in networking gear.
* **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
- ⤷
What is the recommended hole pattern on a PCB for the pushPIN attachment?
- ⤷ How does 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with high-viscosity thermal pastes or pads?