ATS-P1-151-C1-R0
AI

The **ATS-P1-151-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs on a Printed Circuit Board (PCB).
---
### Technical Specifications
The table below outlines the core physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 16.30°C/W (at 100 LFM) to 2.41°C/W (at 800 LFM) |
| **Weight** | ~15 grams |
---
### Component Breakdown
#### 1. The Heat Sink Body
The body is made of **Aluminum 6063**, which provides excellent thermal conductivity while remaining lightweight. The blue anodized finish is not just for aesthetics; it increases surface emissivity and provides a layer of protection against corrosion and electrical shorts.
#### 2. Mounting Mechanism (Push-Pin & Spring)
Unlike adhesive-based heat sinks, the "C1" version uses a mechanical **Push-Pin** system:
* **Engagement:** The pins go through pre-drilled holes in the PCB.
* **Constant Pressure:** The compression springs ensure that the heat sink maintains a high-pressure contact with the chip, which is critical for minimizing thermal contact resistance.
* **Reliability:** This method is preferred in high-vibration environments where thermal tape might fail.
#### 3. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied thermal interface material (like a phase-change material or thermal pad). This fills the microscopic air gaps between the component and the heat sink base.
---
### Performance Overview (LFM vs. °C/W)
Performance varies based on the Linear Feet per Minute (LFM) of airflow provided by system fans:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 16.30 |
| 400 | 2.0 | 4.30 |
| 700 | 3.5 | 2.70 |
| 800 | 4.0 | 2.41 |
---
### Applications
* **Networking Equipment:** Routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for mounting this specific push-pin heat sink?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used without a fan (passive cooling)?