công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P1-15-C2-R0

  • AI
    ### ATS-P1-15-C2-R0: Component Overview The **ATS-P1-15-C2-R0** is a high-performance **Heat Sink** assembly from Advanced Thermal Solutions (ATS). It is specifically designed as a thermal management solution for electronic components like CPUs, GPUs, and high-power chipsets. --- ### Technical Specifications The following table highlights the critical electronic and physical parameters of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Attachment Type** | Push-Pin (R0) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 50mm x 50mm x 15mm | | **Thermal Resistance** | 7.44°C/W (Unducted Flow @ 200 LFM) | | **Flow Pattern** | Straight Fin | --- ### Key Electronic & Mechanical Features #### 1. Thermal Management Electronic components generate heat that can degrade performance or cause failure. The ATS-P1-15-C2-R0 facilitates heat dissipation through: * **Surface Area:** The straight-fin design increases the surface area for air interaction. * **Conductivity:** Made from AL6063 aluminum, which offers high thermal conductivity to draw heat away from the silicon die. #### 2. pushPIN™ Attachment System This part uses a specific mechanical interface to ensure consistent pressure on the electronic component: * **Spring-Loaded Pins:** Provides a calculated "force" to ensure the heat sink makes a firm connection with the integrated circuit (IC). * **Reliability:** Unlike adhesive tapes, push-pins are resistant to vibration and thermal expansion cycles. #### 3. Thermal Interface Material (TIM) The "C2" in the part number typically refers to the pre-applied thermal interface. * **Function:** It fills microscopic air gaps between the chip and the heat sink. * **Material:** Usually a high-performance phase-change material or thermal grease. --- ### Application in Electronics These heat sinks are typically found in: * **Network Switches:** Cooling high-speed processing units. * **Power Supplies:** Managing heat in MOSFETs or voltage regulators. * **Industrial PCs:** Ensuring stability in high-ambient temperature environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between straight-fin and cross-cut fin designs in heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for my specific chip?
    • ⤷ Are there specific PCB hole patterns required for the R0 push-pin attachment?