công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P1-147-C2-R0

  • AI
    The **ATS-P1-147-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for cooling integrated circuits (ICs). --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Brass) | | **Dimensions** | 35.00mm x 35.00mm x 10.00mm | | **Thermal Resistance** | 13.52°C/W (at 1.0 m/s airflow) | | **Fin Type** | Straight Fin (High-density) | | **Spring Type** | Compression Spring | --- ### 2. Key Electronic Functions In an electronic circuit, this part serves the following critical roles: * **Heat Dissipation:** It increases the surface area of a heat-generating component (like a CPU, FPGA, or power MOSFET), allowing heat to transfer into the surrounding air more efficiently. * **Thermal Protection:** By maintaining the junction temperature ($T_j$) within safe limits, it prevents **thermal throttling** or permanent damage to the semiconductor. * **Performance Stability:** Ensuring consistent temperatures helps maintain the timing and switching characteristics of high-speed electronic components. --- ### 3. Component Design Features The "C2" and "R0" suffixes in the part number indicate specific manufacturing configurations: 1. **High-Performance Fin Design:** The straight-fin geometry is optimized for "open-air" environments where airflow is directed through the fins via a fan or natural convection. 2. **Push-Pin Attachment:** Unlike adhesive-based heat sinks, this uses a mechanical **brass push-pin** and a **compression spring**. This provides: * Consistent pressure across the chip surface. * Reliable mounting in high-vibration environments. * Easier removal for maintenance compared to thermal epoxy. 3. **Thermal Interface Material (TIM):** This part typically comes pre-applied with a thermal pad or phase-change material to bridge the microscopic air gaps between the component and the heat sink. --- ### 4. Applications * **Networking Hardware:** Routers, switches, and bridges. * **Embedded Systems:** Industrial PC boards and controllers. * **Consumer Electronics:** High-end audio/visual processing units.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Blue Anodized' finish in terms of thermal performance?
    • ⤷ How do I determine if the 13.52°C/W thermal resistance is sufficient for my specific IC?
    • ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes for push-pins?