công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-P1-14-C2-R0

  • AI
    The **ATS-P1-14-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the physical and thermal characteristics of the product. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Mounting Type** | pushPIN™ (Spring-loaded attachment) | | **Dimensions** | 50.00mm x 50.00mm | | **Height** | 20.00mm | | **Thermal Resistance** | 9.97°C/W (at 100 LFM) | | **Flow Orientation** | Vertical or Horizontal (High-performance fin design) | --- ## 2. Key Electronic Components & Features ### A. Fin Geometry (Straight Fin) The "P1" designation refers to the fin pattern. These straight fins are optimized for **forced air cooling**. In electronic enclosures, this design minimizes pressure drop while maximizing the surface area available for heat transfer. ### B. pushPIN™ Attachment System Modern electronics require secure mechanical connections. This part utilizes a **pushPIN™** system which includes: * **Compression Springs:** Provides precise pressure (Pre-assembled) to ensure optimal interface contact. * **Brass/Plastic Pins:** Used to lock the heat sink onto the PCB through pre-drilled holes. ### C. Thermal Interface Material (TIM) The "C2" suffix typically indicates the type of thermal interface pre-applied to the base. * **ATS-PPE:** A high-performance thermal phase-change material or grease that fills microscopic air gaps between the component (e.g., a chip) and the heat sink base to improve conductivity. --- ## 3. Application Use Cases This specific heat sink is commonly found in the following electronic environments: 1. **Telecommunications:** Cooling of networking processors in switches and routers. 2. **Embedded Systems:** Industrial PCs where space is limited but thermal output is high. 3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules. --- ## 4. Dimensional Summary (Code Representation) If you were integrating this into a CAD or BOM system, the physical footprint would be represented as follows: ```yaml Part_Number: "ATS-P1-14-C2-R0" Footprint: "50mm x 50mm" Vertical_Clearance: "20mm" Material_Type: "Aluminum 6063-T5" Attachment: "pushPIN with 4.7mm hole size" ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Blue Anodized and Black Anodized finishes in heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can this heat sink be used with a custom clip instead of the pushPIN system?