ATS-P1-13-C2-R0
AI

The **ATS-P1-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW™" product line, designed for cooling high-density electronic components.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Product Line** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Thermal Resistance (Unducted)** | 13.73 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
| **Pin Configuration** | Fine Pitch (Patterned for airflow efficiency) |
---
## 2. Key Electronic Functions
While the heat sink itself does not consume power, it is a critical "passive" component for the following electronic systems:
### A. Thermal Dissipation
The main function is to increase the surface area of a semiconductor (like a CPU, FPGA, or GPU), allowing heat to be transferred more efficiently to the surrounding air. This prevents **thermal throttling** or permanent damage to the silicon.
### B. maxiFLOW™ Design
The "flared fin" geometry is engineered to maximize airflow and reduce pressure drop. In electronics cooling, this allows for:
* Better cooling in constrained spaces.
* Reduced noise (as fans can run at lower RPMs due to efficient heat transfer).
### C. pushPIN™ Attachment
The "P1" in the part number indicates a specific attachment mechanism. This electronic part utilizes a **push-pin and spring system**, which:
* Provides consistent pressure (Pre-load) across the electronic chip.
* Ensures maximum contact with the Thermal Interface Material (TIM).
* Prevents damage to the PCB through controlled mechanical tension.
---
## 3. Applications
This specific part is typically found in:
* **Networking Equipment:** Switches and routers where high-speed processors generate significant heat.
* **Industrial Power Supplies:** Cooling MOSFETs and power regulators.
* **Embedded Systems:** Single-board computers requiring low-profile cooling (15mm height).
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Does this heat sink come with a pre-applied thermal interface material?
- ⤷ What are the compatible PCB hole patterns for the pushPIN attachment?