ATS-P1-07-C2-R0
AI

The **ATS-P1-07-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or high-power ASICs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass pins with plastic feet) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 12.70mm |
| **Thermal Resistance** | 17.03°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Features
The design of the ATS-P1-07-C2-R0 includes several critical engineering elements:
#### A. Fin Geometry (maxiFLOW™)
The heat sink features a **flared fin structure**. In electronics, this design is used to increase the surface area available for heat dissipation while maintaining a low pressure drop. It is optimized for "spread" airflow, making it more efficient than standard straight-fin heat sinks.
#### B. pushPIN™ Attachment System
Instead of using messy adhesives or simple clips, this part uses a precision **pushPIN™** system.
* **Components:** A brass pin and a stainless steel spring.
* **Function:** It provides a specific, consistent pressure (clamping force) on the electronic chip, ensuring the thermal interface material (TIM) performs at its peak efficiency.
#### C. Thermal Interface Material (T766)
The part comes with **T766** pre-applied to the base.
* **Role:** This is a phase-change material or high-performance grease that fills microscopic air gaps between the electronic component (the heat source) and the aluminum heat sink base to maximize heat transfer.
---
### 3. Application Use Cases
This component is typically found in the following electronic environments:
* **Telecommunications:** Cooling high-speed networking chips.
* **Industrial PC (IPC):** Providing thermal stability for processors in enclosed spaces.
* **Power Supplies:** Dissipating heat from MOSFETs or power regulators.
- ⤷
What are the advantages of flared fins over straight fins in thermal management?
- ⤷ How do I calculate the correct pushPIN force for a specific PCB thickness?
- ⤷ Can the T766 thermal interface material be replaced with liquid metal?