công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-H1-159-C3-R0

  • AI
    The **ATS-H1-159-C3-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). --- ### 1. Technical Specifications This part is designed for cooling electronic components like CPUs, GPUs, and power modules where airflow direction might be inconsistent. | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-H1-159-C3-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Shape** | Round Pin Fin | | **Dimensions (L x W x H)** | 54mm x 54mm x 15mm | | **Attachment Method** | Push-Pin (2-Pin) | | **Thermal Resistance** | ~3.80 °C/W (at 200 LFM) | --- ### 2. Key Electronic & Design Features #### A. Pin Fin Geometry Unlike straight-fin heat sinks, the round pin design reduces pressure drop and allows for **omnidirectional airflow**. This is critical in electronics where air may enter from various angles or where turbulent air is needed to maximize heat dissipation. #### B. Push-Pin Attachment The `-R0` suffix often denotes the specific attachment kit. This model uses a **brass push-pin with a stainless steel spring**. * **Mechanical Integrity:** Provides consistent pressure on the component (e.g., a BGA chip) to ensure optimal thermal interface material (TIM) performance. * **Ease of Assembly:** Allows for quick installation on pre-drilled PCBs without the need for specialized tools. #### C. Blue Anodized Finish The blue coating is not just aesthetic. Anodization increases the **emissivity** of the aluminum surface, which slightly improves heat dissipation through radiation and protects the metal from environmental corrosion. --- ### 3. Application Use Cases * **Embedded Systems:** Cooling processors in tight enclosures. * **Telecommunications:** Used on high-speed data chips that generate significant localized heat. * **Power Electronics:** Managing heat for VRMs (Voltage Regulator Modules) and power converters. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the thermal resistance value in this heat sink?
    • ⤷ Can this heat sink be used with a custom fan attachment?
    • ⤷ What are the PCB hole requirements for the push-pin mounting?