AI

The **ATS-H1-112-C1-R1** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW" series, designed for cooling high-power semiconductors and electronic components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-H1-112-C1-R1 |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | ~1.60 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 37.00mm x 41.00mm x 14.50mm |
---
### 2. Key Electronic Features
#### A. Thermal Management Efficiency
The "maxiFLOW" design features a flared fin structure. This geometry increases the surface area for heat dissipation while maintaining a low pressure drop, making it ideal for systems with high-speed airflow (forced convection).
#### B. pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the **R1** designation indicates the use of the **pushPIN™** system. This provides:
* **Constant Pressure:** Ensures the thermal interface material (TIM) is compressed evenly for maximum heat transfer.
* **Secure Mounting:** Prevents the heat sink from shifting during vibration or shipping.
* **Easy Installation:** Features a plastic or brass pin with a stainless steel spring.
#### C. Material and Coating
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodized Finish:** Besides aesthetics, the anodization provides a layer of electrical insulation and increases the surface emissivity, slightly improving radiative heat transfer.
---
### 3. Common Applications
This part is typically used to cool the following electronic components:
1. **CPUs and GPUs:** In embedded systems or industrial PCs.
2. **FPGAs/ASICs:** In networking equipment (routers/switches).
3. **Power Converters:** High-density DC-DC converters that generate significant localized heat.
4. **LED Drivers:** High-power lighting control modules.
---
### 4. Implementation Code Example (Thermal Calculation)
If you are calculating the junction temperature ($T_j$) using this heat sink, you might use a simple Python script:
```python
def calculate_junction_temp(p_watt, r_theta_sink, t_ambient, r_theta_case):
# Tj = P * (R_theta_sink + R_theta_case) + T_ambient
t_junction = p_watt * (r_theta_sink + r_theta_case) + t_ambient
return t_junction
# Example: 10W load, 1.6 C/W sink resistance, 25C ambient, 0.5 C/W case resistance
tj = calculate_junction_temp(10, 1.6, 25, 0.5)
print(f"Predicted Junction Temperature: {tj}°C")
```
- ⤷
What are the specific airflow requirements for the 1.60 \u00b0C/W thermal resistance?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ What is the difference between the C1 and C2 versions of this part?