ATS-61330D-C1-R0_17
AI

The **ATS-61330D-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It is designed for cooling high-power semiconductors and integrated circuits.
---
### 1. Technical Specifications
The part belongs to the **maxiFLOW™** series, which uses a unique flared fin design to maximize surface area and cooling efficiency.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-61330D-C1-R0 |
| **Base Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 1.90 °C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Brass pins/Springs) |
| **Dimensions (L x W x H)** | 33.0mm x 33.0mm x 9.5mm |
| **Interface Material** | T766 (Pre-applied Thermal Phase Change) |
---
### 2. Key Electronic Functions
While the heat sink itself is passive, its integration into an electronic system serves several critical roles:
* **Thermal Dissipation:** It draws heat away from active components (like CPUs, FPGAs, or MOSFETs) to prevent thermal throttling or permanent damage.
* **Thermal Interface Material (TIM):** The "C1" suffix indicates it comes with a high-performance phase-change material (T766) which bridges the microscopic air gaps between the chip and the metal surface.
* **Structural Integrity:** The **pushPIN™** attachment ensures consistent pressure on the electronic package, maintaining a reliable thermal bond even under mechanical vibration.
---
### 3. Application Use Cases
This specific part is typically found in:
1. **Telecommunications:** High-speed routers and networking switches.
2. **Computing:** Chipset cooling on motherboards.
3. **Power Electronics:** Cooling for DC-DC converters and voltage regulators.
---
### 4. Dimensional Code Breakdown
```text
ATS - 61330D - C1 - R0
| | | |
| | | └─ RoHS Compliant Version
| | └────── Thermal Interface (T766 Phase Change)
| └────────────── Dimensions (33mm x 33mm)
└───────────────────── Advanced Thermal Solutions (Manufacturer)
```
- ⤷What are the advantages of pushPIN attachment over adhesive tape?
- ⤷ How does the flared fin design compare to straight fins?
- ⤷ Can this heat sink be used with a custom fan assembly?