ATS-57002-C1-R0
AI

The **ATS-57002-C1-R0** is a high-performance heat sink assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" product line, specifically designed to cool electronic components like BGA (Ball Grid Array) packages, CPUs, and GPUs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions** | 57mm x 57mm x 24.5mm |
| **Thermal Resistance** | 0.80 °C/W @ 200 LFM |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Fin Style** | Tapered spreaders (maxiFLOW) |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Key Electronic Features
While the ATS-57002-C1-R0 is a mechanical part, it serves critical electronic functions:
#### A. Thermal Management
The primary role is **Heat Dissipation**. In high-speed electronics, excessive heat leads to "thermal throttling" or permanent damage. This part ensures that the junction temperature ($T_j$) of the semiconductor stays within safe operating limits.
#### B. maxiGRIP™ Attachment System
Unlike permanent adhesives or through-hole screws, this part uses a **maxiGRIP™ attachment**:
* **Plastic Frame Clip:** A frame is placed around the component.
* **Stainless Steel Spring Clip:** Applies steady, even pressure across the chip.
* **Advantage:** This allows for thermal expansion and contraction without stressing the solder joints of the BGA package.
#### C. Aerodynamic Fin Design (maxiFLOW™)
The fins are not just straight bars; they are flared. This design:
* Reduces pressure drop.
* Increases surface area for convection.
* Is optimized for high-velocity airflow environments (server racks, telecommunications).
---
### 3. Typical Applications
This component is commonly found in the following electronic systems:
1. **Network Switches/Routers:** Cooling high-throughput ASICs.
2. **Power Supplies:** Managing heat from MOSFETs or IGBTs.
3. **Industrial PCs:** Cooling embedded processors in rugged environments.
---
- ⤷
What is the difference between the T766 interface material and standard thermal paste?
- ⤷ Can this heat sink be reused if the electronic component is replaced?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?