ATS-55270R-C1-R0_17
AI

The **ATS-55270R-C1-R0** is a high-performance heat sink component part of the **maxiFLOW™** series manufactured by Advanced Thermal Solutions (ATS). This specific part is designed for cooling electronic components, primarily BGA (Ball Grid Array) packages.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Black Anodized |
| **Attachment Method** | thermal-interface material (TIM) / Clip On |
| **Dimensions (L x W x H)** | 27.00mm x 27.00mm x 19.50mm |
| **Thermal Resistance** | 3.50°C/W @ 200 LFM |
---
### 2. Key Electronic Features
The ATS-55270R-C1-R0 is engineered with specific electronic and mechanical considerations:
* **maxiFLOW™ Design:** It features a tapered fin structure which maximizes surface area for convection cooling while minimizing pressure drop. This is crucial for high-density electronic enclosures.
* **thermal-interface material (TIM):** The "R0" designation typically implies the inclusion of a pre-applied thermal tape or interface (like Saint-Gobain C700), which ensures efficient heat transfer from the chip to the aluminum fins.
* **BGA Compatibility:** Sized at 27mm x 27mm, it is specifically tailored for standard BGA integrated circuits, such as FPGAs, processors, and ASICs.
---
### 3. Application Use Cases
1. **Telecommunications:** Used in routers and switches where airflow is consistent but space is limited.
2. **Embedded Systems:** Cooling industrial PCs and processing units.
3. **Power Supplies:** Managing heat for high-output voltage regulators.
---
### 4. Thermal Performance Comparison
Below is an approximation of how the thermal resistance (Rth) changes based on airflow:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 3.5 |
| 400 (2.0 m/s) | 2.4 |
| 600 (3.0 m/s) | 1.9 |
- ⤷
What is the difference between the C1 and R0 suffixes in this part number?
- ⤷ How does the maxiFLOW fin design compare to standard straight-fin heat sinks?
- ⤷ Does this model require a specific mounting clip or can it be used with adhesive only?