công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-54270R-C2-R0

  • AI
    The **ATS-54270R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat-generating ICs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-54270R-C2-R0 | | **Material** | Aluminum (Black Anodized) | | **Dimensions** | 27mm x 27mm x 24.5mm | | **Thermal Resistance** | 2.50°C/W (at 200 LFM) | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Heat Sink Type** | Fin Array (Tapered Fin) | --- ### 2. Key Electronic Features #### A. Thermal Management Design The component utilizes a **tapered fin design**, which increases the surface area for heat dissipation while reducing the pressure drop across the heat sink. This makes it highly efficient in forced-air cooling environments (where a fan is present). #### B. maxiGRIP™ Attachment System One of the most critical aspects of this part is how it interacts with the PCB: * **Frame Clip:** It uses a plastic frame clip that attaches to the electronic component without requiring holes in the PCB. * **Steady Pressure:** It provides a constant, high-pressure contact between the heat sink and the chip, ensuring maximum thermal transfer. * **Vibration Resistance:** The mechanical attachment is designed to meet strict shock and vibration standards for industrial electronics. #### C. Interface Material The "R0" suffix typically indicates that the part comes pre-assembled with a **Thermal Interface Material (TIM)**. In this case, it usually features a high-performance Phase Change Material (PCM) or thermal tape, which fills microscopic air gaps between the component and the heat sink. --- ### 3. Common Applications This heat sink is typically found in the following electronic systems: * **Telecommunications:** High-speed routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Power Electronics:** Voltage regulators and power modules. * **Optical Modules:** SFP/QSFP transceivers requiring heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What are the installation steps for the maxiGRIP™ frame clip?
    • ⤷ How does the tapered fin design compare to traditional straight fin heat sinks?
    • ⤷ Are there alternative sizes available in the ATS-54xxx series?