ATS-52375P-C2-R0
AI

The **ATS-52375P-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide superior cooling for electronic components in environments with constrained airflow.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-52375P-C2-R0 |
| **Product Series** | maxiFLOW™ |
| **Attachment Method** | superGRIP™ (Plastic Clip) |
| **Material** | Anodized Aluminum (Blue) |
| **Thermal Resistance** | 2.50°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 37.5mm x 37.5mm x 22.86mm |
| **Thermal Interface Material (TIM)** | pre-applied Saint-Gobain C8000 |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Geometry (maxiFLOW™)
The "maxiFLOW" design features a flared fin structure. This geometry is engineered to:
* **Increase Surface Area:** More surface area allows for better heat dissipation into the surrounding air.
* **Reduce Pressure Drop:** The spacing and angle of the fins allow air to flow through the sink more easily, which is critical for systems with low-power fans.
#### 2. Attachment System (superGRIP™)
The **C2** in the part number refers to the specific attachment style. The superGRIP™ system is a mechanical mounting solution that:
* Requires no holes in the Printed Circuit Board (PCB).
* Uses a plastic frame (clip) that snaps onto the base of the electronic component (like a BGA or FPGA).
* Provides consistent pressure to ensure the thermal interface material works efficiently.
#### 3. Thermal Interface Material (TIM)
The **R0** suffix indicates the specific TIM provided. This part comes with **Saint-Gobain C8000** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat sink and the electronic chip.
* **Phase Change:** This material offers high thermal conductivity and reliability over the lifetime of the electronic device.
---
### Typical Applications
This specific heat sink is commonly used for cooling high-heat-density electronic components such as:
* **ASICs and FPGAs:** Used in networking and telecommunications.
* **Processors:** Embedded CPUs in industrial computing.
* **Video Graphic Chips:** High-end image processing units.
---
- ⤷What is the difference between the superGRIP and maxiGRIP attachment methods?
- ⤷ How does the thermal resistance of this part change at different airflow speeds (LFM)?
- ⤷ Is the Saint-Gobain C8000 material electrically conductive?