ATS-52270P-C2-R0
AI

The **ATS-52270P-C2-R0** is a high-performance thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part belongs to the **maxiFLOW™** series, which uses a high-aspect-ratio fin design to maximize surface area for convective cooling.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Dimensions (L x W)** | 52.00 mm x 52.00 mm |
| **Height** | 17.50 mm |
| **Thermal Interface Material** | Pre-applied T766 (High performance) |
---
### 2. Key Design Elements
#### A. Fin Geometry (maxiFLOW™)
Unlike standard square-cut fins, the maxiFLOW™ design features a flared fin structure. This reduces pressure drop and increases air turbulence, allowing for more efficient heat transfer even at lower fan speeds.
#### B. pushPIN™ Attachment
The part number suffix typically indicates the mounting hardware. The **pushPIN™** system ensures:
* **Constant Pressure:** A specific amount of force is applied to the component to ensure optimal contact with the Thermal Interface Material (TIM).
* **Ease of Assembly:** Quick installation through pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number often refers to the specific TIM applied to the base. The **T766** material used here is a phase-change or high-conductivity grease that fills microscopic air gaps between the heat sink base and the electronic chip.
---
### 3. Application Use-Cases
This specific heat sink is typically used in industrial and telecommunications environments where space is limited but heat density is high:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** For industrial PCs that require passive or forced-air cooling.
* **Power Supplies:** Cooling MOSFETs or power modules.
---
- ⤷
What are the specific PCB hole requirements for the pushPIN™ mounting system?
- ⤷ How does the thermal resistance of this heat sink change under different airflow (LFM) conditions?
- ⤷ Is this heat sink compatible with standard 52mm fan mounts?