ATS-52270B-C2-R0
AI

The **ATS-52270B-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 27mm x 27mm x 7.5mm |
| **Material** | Anodized Aluminum |
| **Thermal Resistance (Airflow)** | 5.30° C/W @ 200 LFM |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Color** | Blue Anodized |
---
### 2. Key Design Elements
#### A. maxiFLOW™ Fin Geometry
The "B" in the part number denotes a specific fin pattern. The maxiFLOW design features a tapered fin structure which:
* Reduces pressure drop.
* Increases the surface area for heat dissipation.
* Optimizes airflow through the heat sink even in high-density PCB layouts.
#### B. maxiGRIP™ Attachment System
This part is designed to be used with a **maxiGRIP™** attachment. This is a two-component system consisting of a plastic frame clip and a stainless steel spring clip.
* **Mechanical Stability:** It provides high pressure to the thermal interface material (TIM) without requiring holes in the PCB.
* **Reliability:** Meets shock and vibration requirements (Telecordia GR-63-Core).
#### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the part typically comes with a pre-applied high-performance thermal pad (often **Chomerics T766**), ensuring a low-resistance thermal path between the chip and the heat sink.
---
### 3. Typical Applications
This specific size (27x27mm) is commonly used for:
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Computing:** Industrial PC modules and micro-controllers.
* **Power Electronics:** Voltage regulators and power conversion chips.
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be used without the maxiGRIP frame?
- ⤷ How do I calculate the thermal resistance for different airflow speeds (LFM)?