ATS-21B-101-C2-R0
AI

The **ATS-21B-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push-pin" series designed for securing the cooler directly to a Printed Circuit Board (PCB).
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 30mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 6.69°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Straight (High-Flow Design) |
| **RoHS Status** | Compliant |
---
## 2. Key Components & Construction
### A. The Heat Sink Body
The main body is made of extruded aluminum. The **30mm height** and **40mm square base** are designed to provide a large surface area for heat dissipation from integrated circuits (ICs), such as CPUs, GPUs, or FPGAs.
### B. The Push-Pin Attachment
Instead of using messy thermal adhesives or tapes, this model uses a mechanical push-pin system:
* **Brass/Plastic Pins:** Provide a secure mechanical fit to the PCB.
* **Compression Springs:** Ensure constant pressure between the heat sink base and the electronic component, which is critical for efficient heat transfer.
### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heat sink comes pre-applied with **T766 thermal phase-change material**. This eliminates the need for manual application of thermal paste.
---
## 3. Performance Data (Airflow)
Thermal performance is highly dependent on the velocity of air (measured in Linear Feet per Minute - LFM) moving through the fins.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 6.69 |
| 300 | 4.81 |
| 400 | 3.90 |
| 500 | 3.34 |
| 600 | 2.98 |
---
## 4. Typical Applications
This part is commonly used in industrial and high-reliability electronics where vibration resistance and reliable cooling are required:
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-speed processing units.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal grease?
- ⤷ How does the 'Blue Anodized' finish affect thermal radiation compared to bare aluminum?