ATS-21A-159-C2-R0
AI

The **ATS-21A-159-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It belongs to the "blue ice" or high-performance push-pin series designed for cooling semiconductors like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the critical mechanical and thermal properties of this specific part number:
| Property | Description / Value |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-21A-159-C2-R0 |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Material** | Aluminum (Anodized Blue) |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
While the part itself is passive (it does not require electricity), its design is optimized for electronic integration:
* **Push-Pin Attachment:** The "21A" series utilizes a plastic push-pin and spring mechanism. This ensures a consistent pressure (load) on the electronic chip, which is vital for maintaining high thermal conductivity without cracking the silicon die.
* **Thermal Resistance:** This heat sink is engineered for "forced air" environments. It significantly lowers the thermal resistance between the component junction and the ambient air, preventing thermal throttling in high-speed processors.
* **Pre-Applied TIM:** The "C2" designation often refers to the inclusion of a high-performance thermal interface material (T766), which fills microscopic air gaps between the heat sink and the electronic component.
* **Aluminum 6063:** The use of 6063 aluminum alloy provides a balance of thermal conductivity and structural rigidity, essential for protecting sensitive PCB traces from physical stress.
---
### 3. Application Use Cases
This part is commonly used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but heat output is high.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or voltage regulators.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying its function:
* **ATS:** Advanced Thermal Solutions.
* **21A:** Series designation (Push-pin style).
* **159:** Specific geometry/fin configuration code.
* **C2:** Thermal Interface Material / Finish code.
* **R0:** RoHS Compliance (Environmental standard).
- ⤷
What is the thermal resistance value of this heat sink at specific airflows?
- ⤷ What is the recommended hole size on the PCB for the push-pins?
- ⤷ Are there alternative attachment methods for this specific heat sink size?