ATS-20G-101-C2-R0
AI

The **ATS-20G-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number defines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 10mm (Low Profile) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.67° C/W (@ 1.0 m/s) |
| **Weight** | ~28.5 grams |
---
### 2. Key Components & Design
#### A. Fin Pattern (Straight Fin)
The "G" in the part number signifies a **Straight Fin** geometry. This design is optimized for environments where there is a consistent, unidirectional airflow. The fins increase the surface area to dissipate heat from the component into the surrounding air.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, this part uses a precision-engineered spring-loaded mechanism:
- **Push Pins:** Usually made of brass or plastic, they provide a secure fit.
- **Compression Springs:** Ensure a consistent "Down Force" of roughly 20 Newtons, which optimizes the thermal interface material (TIM) performance.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that the heat sink comes pre-applied with **ATS-PPS-02** thermal grease (or equivalent). This fills microscopic air gaps between the heat sink and the electronic chip to ensure maximum heat transfer.
---
### 3. Electronic Application
This specific model is commonly used for cooling:
* **FPGAs & ASICs:** High-speed processors that generate localized heat.
* **CPUs/GPUs:** In embedded systems where vertical clearance is limited (only 10mm high).
* **Power Modules:** High-density power supplies requiring active or passive cooling.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow Velocity (m/s) | 1.0 (200 LFM) | 2.0 (400 LFM) | 3.0 (600 LFM) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 6.67 | 2.80 | 1.81 |
---
- ⤷What is the difference between Blue Anodized and Black Anodized finishes for heat sinks?
- ⤷ How do I calculate the required airflow for this heat sink?
- ⤷ Are there alternative mounting options if my PCB does not have holes for pushPINs?