ATS-20F-97-C2-R0
AI

The **ATS-20F-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The part number follows a specific naming convention that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | push-PIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 20.30° C/W @ 100 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Fin Design
This model uses a **straight-fin** or **cross-cut** design. This maximizes the surface area available for convective heat transfer. Because it is only 10mm high, it is considered a "low profile" heat sink, ideal for tight enclosures or 1U server racks.
#### B. Push-Pin Mounting System
The `20F` designation refers to the specific push-pin attachment. This is a mechanical mounting system that:
* Uses a spring-loaded plastic or brass pin to secure the heat sink to the PCB.
* Ensures consistent pressure across the component surface for optimal thermal contact.
* Requires pre-drilled holes in the PCB (typically 3.0mm diameter).
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base.
* **Purpose:** Fills microscopic air gaps between the electronic component and the heat sink.
* **Conductivity:** High-performance phase-change material that ensures efficient heat transfer.
---
### 3. Thermal Performance Comparison
The performance of the ATS-20F-97-C2-R0 varies based on the airflow (measured in Linear Feet per Minute - LFM) within the electronic system:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 20.30 |
| 300 | 1.5 | 6.70 |
| 500 | 2.5 | 4.40 |
| 700 | 3.5 | 3.50 |
---
### 4. Typical Applications
* **FPGA & ASIC Cooling:** Cooling large integrated circuits in networking gear.
* **Power Supplies:** Managing heat in DC-DC converters.
* **Embedded Systems:** Used in industrial PCs where space is limited but cooling is critical.
- ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink based on my chip's TDP?
- ⤷ Are there brass pin versions of this heat sink for higher durability?