ATS-20F-96-C2-R0
AI

The **ATS-20F-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance (Unducted)** | 5.63 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.22 °C/W @ 100 LFM |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the part fits within the PCB layout and does not interfere with neighboring components.
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 35.00 mm
* **Fin Pitch:** Fine-Pitch
* **Fin Pattern:** XCUT (Cross-cut)
---
### 3. Key Electronic/Mechanical Features
### A. XCUT Fin Design
The heat sink features an **XCUT** pattern. This means the fins are cut in a cross-directional manner, which increases the surface area and allows for multi-directional airflow. This is ideal for electronic enclosures where the direction of the cooling fan's air may not be perfectly linear.
### B. pushPIN™ Attachment
Instead of using messy thermal adhesives or tapes, this part uses the **pushPIN™** system.
- It utilizes a pre-drilled hole pattern on the PCB.
- It includes a **stainless steel spring** that provides precise pressure (7-10 lbs) to ensure the heat sink makes optimal contact with the electronic chip.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that it comes with a **pre-applied thermal interface material** (usually T412 or similar). This ensures high conductivity between the component and the aluminum base without requiring manual application of thermal paste.
---
### 4. Application Use-Cases
* **High-Density Power Supplies:** Dissipating heat from MOSFETs.
* **Embedded Systems:** Cooling processors in compact industrial PCs.
* **Telecommunications:** Used on PCB boards within network switches and routers.
- ⤷
What is the difference between XCUT and Straight Fin designs in heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there alternative attachment methods if my PCB does not have pushPIN holes?