ATS-20F-75-C3-R0
AI

The **ATS-20F-75-C3-R0** is a specific electronic component belonging to the **Advanced Thermal Solutions (ATS) maxiFLOW™** series. It is a high-performance heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Thermal Resistance** | 1.91°C/W @ 200 LFM (Linear Feet per Minute) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 25.00mm |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
---
## 2. Key Electronic & Mechanical Parts
### A. The Heat Sink Body
The core of the unit is a blue-anodized aluminum block. The **maxiFLOW™** design uses a unique flared fin geometry. This geometry is engineered to maximize surface area and increase airflow turbulence, which significantly improves heat dissipation compared to standard straight-fin heat sinks.
### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this model uses the **pushPIN™** mechanism:
* **Spring-loaded Pins:** These ensure constant, even pressure across the surface of the processor or chip.
* **Compression Springs:** These provide the necessary force to maintain a tight thermal interface without cracking the delicate silicon die.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **ATS-54**, a high-performance thermal grease. This "part" of the assembly fills the microscopic air gaps between the heat sink base and the electronic component, ensuring efficient heat transfer.
---
## 3. Application Use Cases
This component is typically found in high-reliability electronic environments where thermal management is critical:
* **Telecommunications:** Cooling FPGA and ASIC chips in networking gear.
* **Industrial PC:** Managing heat for CPUs in fanless or high-airflow enclosures.
* **Power Supplies:** Cooling MOSFETs or power conversion modules.
- ⤷
What are the advantages of pushPIN™ over traditional adhesive mounting?
- ⤷ How does the maxiFLOW fin design compare to standard straight fins in terms of airflow?
- ⤷ Can the pre-applied thermal interface material (TIM) be replaced with a different brand?