ATS-20F-72-C3-R0
AI

The **ATS-20F-72-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin style heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs) such as CPUs, GPUs, or high-power transistors.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Series** | blueICE™ |
| **Attachment Method** | Push-Pin (Plastic) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 5.19°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### Component Breakdown
#### 1. Heat Sink Body (Straight Fin)
The core of the part is an aluminum block with vertical fins. The **Straight Fin** design is optimized for environments with high-velocity airflow (forced convection), allowing air to flow smoothly through the channels to strip heat away from the surface.
#### 2. Push-Pin Attachment
Instead of using messy adhesives or thermal tape, this part uses a mechanical **Push-Pin** system.
* **Mechanism:** Two plastic pins with internal springs.
* **Benefit:** Provides consistent downward pressure on the chip, ensuring a tight thermal bond while allowing for easy installation and removal without damaging the PCB.
#### 3. Thermal Interface Material (TIM)
The bottom of the heat sink comes pre-applied with **T766**.
* **Purpose:** This material fills the microscopic air gaps between the chip and the heat sink base.
* **Conductivity:** It is a high-performance phase-change material designed to minimize thermal resistance.
#### 4. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** The blue coating isn't just aesthetic; anodizing increases the surface emissivity, slightly improving heat radiation and protecting the aluminum from corrosion.
---
### Typical Applications
* **Telecommunications:** Cooling networking switches and routers.
* **Computing:** Heat dissipation for chipsets on motherboards.
* **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the push-pin clips).
- ⤷
What are the PCB hole requirements for the push-pin mounting?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Is there a cross-cut version of this heat sink for omnidirectional airflow?