ATS-20F-59-C2-R0
AI

The **ATS-20F-59-C2-R0** is a specific electronic cooling component, specifically a **high-performance heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is designed for high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific data regarding its dimensions, thermal resistance, and material properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-20F-59-C2-R0 |
| **Heat Sink Type** | Push-Pin |
| **Fin Type** | Straight Fin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~6.31 °C/W (at 1.0 m/s airflow) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and clearance.
| Dimension | Measurement |
| :--- | :--- |
| **Length** | 35.00 mm |
| **Width** | 35.00 mm |
| **Height** | 20.00 mm |
| **Pitch (Attachment)** | 40.00 mm (center-to-center) |
---
### 3. Attachment Mechanism: Push-Pin
The "C2" in the part number indicates the attachment style and Thermal Interface Material (TIM).
* **Attachment:** Uses a **brass push-pin** with a **stainless steel spring**.
* **Ease of Use:** Designed to be easily installed into pre-drilled holes on the PCB, providing consistent pressure to ensure optimal thermal contact.
* **TIM:** Typically comes pre-applied with a high-performance thermal phase-change material to reduce interface resistance.
---
### 4. Application Context
This part is typically used in environments where active or passive airflow is present to dissipate heat from surface-mount components.
* **Telecommunications:** Network switches and routers.
* **Industrial:** Power supplies and embedded computing boards.
* **Testing:** Used in development kits where components run at high clock speeds and generate significant heat.
---
- ⤷
What is the significance of the 'Blue Anodized' finish beyond aesthetics?
- ⤷ How do I calculate if the 6.31 °C/W thermal resistance is sufficient for my 10W chip?
- ⤷ What are the recommended PCB hole diameters for the ATS push-pin system?